Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



TIN LEAD Fiches techniques, Datasheet

Description trouvée : 'TIN LEAD ' - Totale: 19820 (1/991) Pages
FabricantNo de pièceVoirDescription

Tyco Electronics
2-644486-2 MTA-100 SHROUDED HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT POST, TIN OR TIN LEAD PLATED

Molex Electronics Ltd.
0797580002_18 Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Tin Plated, 150mm, 20 AWG
0901301136 2.54mm (.100) Pitch C-Grid III™ Header, Dual Row, Vertical, Shrouded, Fully Loaded, 36 Circuits, Black, 3μm (118μ) Tin(Sn) over Nickel (Ni), Lead free
0797580013_18 Pre-Crimped Lead Mini-Fit Male-to-Mini-Fit Male Tin Plated, 300mm, 18 AWG
0474081001 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, without Dimple, with Mylar, 0.76μm (30μ") Gold (Au) Plating, Matte Tin Plating on Shell, 19 Circuits, Lead free
0365360001 MLX Crimp Terminal 42023, 14-16 AWG, Reel, Tin (Sn), Lead Free
0474080201 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, without Dimple and Mylar, Gold (Au) Flash Plating, Matte Tin Plating on Shell, 19 Circuits, Lead free
0780362005 Projector Lamp Receptacle Terminal, 0.90μm (35.4μ") Tin (Sn) Plated, Straight Wing Type, Lead free
0366330035 4.20mm (.165") Mini-Fit Jr.™ Header, Vertical, Nylon, without Flange, 6 Circuits, Tin (Sn) over Nickel (Ni) Plating, Lead free

Lite-On Technology Corp...
CN-111010 Tin Lead Plating Phase Out for Leadframe Products

Molex Electronics Ltd.
0470182010 1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 4.30mm (.169"), Gold (Au) Flash, Matt Tin Solder Area, Surface Mount, Right Angle, Top Mount Type, 22 Circuits, Lead Free
0472667001 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, SMT, with Screw, 0.76μm (30μ") Gold (Au) Selective Plating, Matt Tin Plated Shell,with Flange, Tape on Reel Package, Lead Free
0474080011 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, with Dimple, without Mylar, 0.76μm (30μ") Gold (Au) Plating, Matte Tin Plating on Shell, 19 Circuits, Lead free
1510878101 Milli-Grid Crimp Terminal, Male, 2.50m Tin (Sn) Plating, Reel, Lead free
0797580009_18 Pre-Crimped Lead Mini-Fit Female-to-Mini-Fit Female Tin Plated, 300mm, 18 AWG

Vishay Siliconix
IHLP-2525CZ-L7 HLP Tin / Lead Inductors, High Saturation Series

Molex Electronics Ltd.
0780362001 Projector Lamp Receptacle Terminal, 0.90μm (35.4μ) Tin (Sn) Plated, Bent Wing Type, Lead free
36563-0007 6.35mm Pitch MLX Power Connector Header, Vertical, without Plastic Polarizing Peg, 4 Circuits, Polyester 94V-0, Tin Lead (Pb/Sn) Plating, White
0474080101 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, without Dimple and Mylar, 0.25μm (10μ") Gold (Au) Plating, Matte Tin Plating on Shell, 19 Circuits, Lead free
0474081201 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, without Dimple, with Mylar, Gold (Au) Flash Plating, Matte Tin Plating on Shell,19 Circuits, Lead free