Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



THAT Fiches techniques, Datasheet

Description trouvée : 'THAT' - Totale: 389 (1/20) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
PMOD8LD The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.

Littelfuse
DCSA The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor

Cooper Bussmann, Inc.
CTX047-1P-R Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings

Alpha & Omega Semicondu...
AOTF4126 fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge

PHOENIX CONTACT
1942785 Defined contact force ensures that contact remains stable over the long term

Molex Electronics Ltd.
19029-0140 Conductor Anvil (Lower) for ASP Press that Process Metal Strip Product

Littelfuse
DXX15L Silicon rectifiers that are excellent for DC phase control applications with motor loads.

Tyco Electronics
408-4273 The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping The tool frame holds the die assembly.

Lumileds Lighting Compa...
L135-27800BHV00001 High voltage package that reduces system BOM while achieving high efficacy

Sanyo Semicon Device
LA76818A The LA76818A is I2C bus controller ICs that support the different TV broadcast formats used worldwide and aim for rationalization of color TV set desi

Advanced Thermal Soluti...
ATS-54210R-C1-R0_17 High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments

E-Tech Electronics LTD
GMPSA44S The GMPSA44S is designed for application that requires high voltage.

NIHON DEMPA KOGYO
21E7.5AD crystal filter that supports surface mounting.

Lumileds Lighting Compa...
DS146 Color LEDs that deliver the perfect amount of color you need. No More. No less.

Molex Electronics Ltd.
19028-0049 Insulation Anvil (Lower) for ACP press that process continuous molded product

Allegro MicroSystems
A8835 The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.

Lumileds Lighting Compa...
DS193 Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast

Ralston Instruments.
QTHA-2MBL Connect a hose to an adapter that is in a hard to reach place

Aplus Intergrated Circu...
AVM3324C single-chip 3 channel timbre generator that can synthesize

Advanced Thermal Soluti...
ATS-54300K-C1-R0_17 High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments