Fabricant | No de pièce | Fiches technique | Description |
Littelfuse
|
P0302AAMCLXX |
152Kb/5P |
The series provides a robust single port solution that enables equipment |
SP1002-02JTG |
548Kb/1P |
Audio ports typically have signals that swing above and below GND |
P1100GALRP |
110Kb/3P |
The series provides a cost-effective through-hole solution that enables |
SP1004-04VTG |
144Kb/1P |
Analog video ports typically have signals that swing above and below GND |
P1553UALXX |
157Kb/5P |
The series provides a single port surface mount solution that enables voice |
A2106UA6LXX |
156Kb/5P |
The series provides a dual port surface mount solution that enables voice |
P0080SALRP |
140Kb/5P |
The series provides a surface mount solution that enables equipment to comply |
B1101UC4LXX |
145Kb/4P |
Dual port protection is provided by a programmable device that is referenced |
P1553AALXX |
144Kb/5P |
The series provides a single port through-hole solution that enables voice |
DXX15L |
598Kb/5P |
Silicon rectifiers that are excellent for DC phase control applications with motor loads. |
D6015L59 |
598Kb/5P |
Silicon rectifiers that are excellent for DC phase control applications with motor loads. |
DCSA |
288Kb/2P |
The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor |
Q6012LH2 |
923Kb/8P |
RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients |
201A |
293Kb/2P |
The 201A is a 3-phase, auto-ranging, dual-range voltage monitor that protects 190-480VAC |
08098700 |
405Kb/2P |
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body |
SP4001-04UTG |
144Kb/1P |
The SIM (Subscriber Identification Module) card has 3 data lines that are low-speed and low-voltage |
08010100 |
287Kb/2P |
Battery switch with a metal body, interchangeable with other products currently available on the market that share a similar footprint |
00711100 |
938Kb/4P |
The mechanical switches signal many different situations that may occur on commercial vehiches: differential lock, low gears activation, handbrake failure, etc |
443LC |
583Kb/3P |
The 443LC Series 280V Nano2 Fuse is a small square surface mount fuse that is designed to enable compliance with the RoHS directive |
157T |
553Kb/3P |
The 157T Series Fuse/Clip assembly is a small, square, Time-Lag, surface mount fuse that is assembled in surface mountable fuse clips |