Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



THAN Fiches techniques, Datasheet

Description trouvée : 'THAN' - Totale: 191 (1/10) Pages
FabricantNo de pièceVoirDescription

RFE international
RM10R-0R02-J SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS

Advanced Thermal Soluti...
ATS-52310P-C1-R0_17 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

AVX Corporation
06035A470J4T4A AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years.

Murata Manufacturing Co...
NTPA95R0LBMB0 most suitable for power supplies of less than 100W

Advanced Thermal Soluti...
ATS-52230B-C1-R0_17 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

DB Lectro Inc
NCF2 Low coil power consumption. / Operation noise: less than 5odb.

CSB Battery Co., Ltd.
XTV12550 A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.

Delta Electronics, Inc.
03DBAG5 MODELS OTHER THAN POWER ENTRY MODULE TYPES AND P.C. BOARD MOUNTING TYPES

Sangdest Microelectroni...
181NQ-1 Easier to mount and lower profile than DO-5’S

Advanced Thermal Soluti...
ATS-52400B-C1-R0 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

Coilcraft lnc.
1008LS_13 Lower DCR than other 1008 inductors, Ferrite construction for high current handling

Advanced Thermal Soluti...
ATS-52150P-C1-R0 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

Ledil, Inc.
C14501 IESNA Type III (medium) beam for roads that are equal to or wider than mounting height

Advanced Thermal Soluti...
ATS-52375B-C1-R0_17 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

Murata Manufacturing Co...
NTPA68R0LB1A0 most suitable for power supplies of less than 100w

Advanced Thermal Soluti...
ATS-52325P-C1-R0_17 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

List of Unclassifed Man...
PMOD8LD The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.

Murata Manufacturing Co...
NTPA9100LB1A0 most suitable for power supplies of less than 100W

Advanced Thermal Soluti...
ATS-52450G-C1-R0_17 Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks

Ledil, Inc.
CS16102 IESNA Type III (medium) beam for roads that are equal to or wider than mounting height

1 2 3 4 5 6 7 8 9 10 Next