Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TERMINAL Fiches techniques, Datasheet

Description trouvée : 'TERMINAL' - Totale: 9661 (1/484) Page
FabricantNo de pièceVoirDescription

Weidmuller
0514200000 Modular terminal, accessories, Terminal rail (cable Modular terminal, accessories, Terminal rail (cable

Molex Electronics Ltd.
63819-4800 The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
0330001004 MX150 Male Terminal, Tin Plating, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Left Reel Payoff

Crydom Inc.,
CP201 Pluggable Input Connector 2 position, Screw Terminal or Spring Terminal

Molex Electronics Ltd.
0638138600 Extraction Tool for MTC (Multi Terminal Connector) Female Terminal, 14-18 AWG
0387112205 9.53mm Pitch Beau™ PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 5 Circuits
0845250017 ML-XT / XRC Female (Socket) Terminal, 14 to 18 AWG, Terminal Size 16, Insulation

Taoglas antenna solutio...
TG10RA0113 Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular

Molex Electronics Ltd.
0022027193 2.54mm (.100) Pitch KK® PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54mm (.100) Pitch KK® PC Board Connector, Top Entry, with Cat Ear Terminal,
38711-2225 9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 25Circuits

Weidmuller
0364300000 Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, Copper

Molex Electronics Ltd.
0330113004 MX150 Male Terminal, Silver Plating, Grip Code M3, Left Reel Payoff, Contact Material Thickness 0.30mm , Preferred Terminal for use in Sealed Application with 0.35-0.50mm
0845240004 ML-XT / XRC Male (Pin) Terminal, 16 to 18 AWG, Terminal Size 16, Insulation
0845250009 ML-XT / XRC Female (Socket) Terminal, 16 to 18 AWG, Terminal Size 16, Insulation
38711-2216 9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 16 Circuits
0936400024 ML-XT / XRC Male (Pin) Solid Terminal, 14 AWG, Solid Terminal Size 16, Gold over Nickel

Weidmuller
0514410000 Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel

Molex Electronics Ltd.
38711-2214 9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 14 Circuits
0936400014 ML-XT / XRC Male (Pin) Solid Terminal, 16 to 20 AWG, Solid Terminal Size 16, Gold
10-18-1036 2.36mm Diameter Standard Pin and Socket Header, Shrouded, 3 Circuits, 1 Female Terminal, 1 Male Terminal

  1 2 3 4 5 6 7 8 9 10