Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



TCXO Fiches techniques, Datasheet

Description trouvée : 'TCXO' - Totale: 485 (1/25) Pages
FabricantNo de pièceVoirDescription

QUARTZCOM the communica...
TX7-705-SQ-HP High precision analogue temperature compensated SMD TCXO

ILSI America LLC
I593 3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator

IQD Frequency Products ...
IQXT-314 TCXO Specification

Golledge Electronics Lt...
GTXO-C51J 2.5V SM TCXO with CMOS Output

TEMEX
RIT3225B HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS

MTRONPTI
OXO3050 1.5x1.5 inch, 5.0 & 10.0 Volt, TTL/HCMOS/Sinewave, TCXO

List of Unclassifed Man...
E2747 STRATUM 3 TCXO

Connor-Winfield Corpora...
TFLB546EG5 SURFACE MOUNT 3.3V HCMOS TCXO with TRI-STATE OUTPUT

QUARTZCOM the communica...
TX5-254HL SMD TCXO HCMOS Tight frequency stability vs. temperature

Fox Electronics
FOX321ER 3.3V 5032 SMD Stratum III HCMOS TCXO

Advanced XTAL Products
AXLE1000 UHF Temperature Compensated Crystal Oscillator (TCXO)

Connor-Winfield Corpora...
D75J-050M 5x7mm Precision TCXO Model D75J

Golledge Electronics Lt...
GTXO-C25K 2.8V SM TCXO with CMOS Output

IQD Frequency Products ...
LFTCXO063711 TCXO

List of Unclassifed Man...
CSX-750FJ CSX532T Series SMD TCXO Oscillators

Connor-Winfield Corpora...
HTFL530 3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
TFLD546E2 SURFACE MOUNT 3.3V HCMOS TCXO

QUARTZCOM the communica...
TX7-503C-ST3 STRATUM III SMD TCXO CMOS Overall stability: ±4.60 ppm including 20 years aging

ILSI America LLC
I123 Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP

EUROQUARTZ limited
T72 Very rugged TCXO