Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

TAPE Fiches techniques, Datasheet

Description trouvée : 'TAPE' - Totale: 1951 (1/98) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0878580450 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0734156181 50 Ohms, SMP Surface Mount Plug, Limited Detent, Tape and Reel with Kapton Tape

3M Electronics
SDR-2 STD Tape Dispenser SDR Wire Marking Tape
SDR-RD STD Tape Dispenser SDR Wire Marking Tape

Molex Electronics Ltd.
0734151632 75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel with Kapton Tape

Unisonic Technologies
UTCCXA1191 FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)

Molex Electronics Ltd.
0878580250 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging

3M Electronics
SDR-7 STD Tape Dispenser SDR Wire Marking Tape
SDR-A STD Tape Dispenser SDR Wire Marking Tape

Molex Electronics Ltd.
0734151636 75 Ohms, MCX Vertical Surface Mount Jack Receptacle,Body Tri-Alloy Plated, 800 Pieces Per Tape and Reel with Kapton Tape
0878580460 2.00mm (.079) Pitch Milli-Grid™ Breakaway Header, Surface Mount, Single Row, Vertical, without Peg, with Kapton Tape, Tape on Reel Packaging
0674921221 1.27mm Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm 0.76μm Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Tape on Reel Packaging, Lead Free

ANADIGICS, Inc
AN-0004 TAPE DIMENSIONS 12 mm Tape

Ledil, Inc.
CA14392 Asymmetric beam for wall-washing and optimized for CREE XP-E. 14.6 mm high assembly with installation tape.

Molex Electronics Ltd.
0536490374 0.635mm Pitch SlimStack™ Plug, Surface Mount, Dual Row, Vertical Stacking,9.00 and 15.00mm (.354 and Stacking Heights, Lead-free, 30 Circuits, withEmbossed Tape with Cover Packaging
1719730605 2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Surface Mount, Matte Tin (Sn) Plating, 5 Circuits, Tape and Reel
0877030067 1.27mm (.050) Pitch Serial ATA Device Plug, Drive, without Jumper, 22 Circuits, Tape on Reel Packaging, Lead-free
1719771015 2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,with Pegs, Matte Tin (Sn) Plating, 15 Circuits, Tape and Reel
5011905027 1.00mm Pitch Pico-Clasp™ Wire-to-Board PCB Header, Dual Row, Vertical, 50 Circuits, Lead-free, without Pick-and-Place Tape

Panasonic Semiconductor
CNB1304H Reflective photosensor Tape end sensor for DAT

  1 2 3 4 5 6 7 8 9 10