Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STANDARD Fiches techniques, Datasheet

Description trouvée : 'Standard' - Totale: 26 (1/2) Page
FabricantNo de pièceVoirDescription

Freescale Semiconductor...
MC908GZ60CFUE Standard features, Features of the CPU08
MC13211_08 ZigBee™- Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard plus Microcontroller
AN2528 Standard Space Vector Modulation TPU Function Set (svmStd)
MC13224V Advanced ZigBee™- Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE® 802.15.4 Standard
MC13192_08 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC1322X Advanced ZigBee™- Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE® 802.15.4 Standard
MC13202_07 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC9S12DP256B device made up of standard HCS12 blocks and the HCS12 processor core
MC13201_07 2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard
MC13192_07 2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard
MC13193FC 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC1323X_1 Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE® 802.15.4 Standard
MC1321X ZigBee™- Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard plus Microcontroller
MC68HC05SU3A Fully static chip design featuring the industry standard 8-bit M68HC05 core
MC13202 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202_0812 2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard
MC812A4CPVE8 The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
MC13224VR2 Advanced ZigBee™- Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE® 802.15.4 Standard
MC13192 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard

  1 2