Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SIMULTANEOUS Fiches techniques, Datasheet

Description trouvée : 'Simultaneous' - Totale: 350 (3/18) Page
FabricantNo de pièceVoirDescription

Analog Devices
AD7864_15 4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC

Texas Instruments
ADS7862_14 Dual 500kHz, 12-Bit, 2 + 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER

Analog Devices
AD7862ARZ-10 Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7608 8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7609 8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC

Advanced Micro Devices
AM29DL640D_05 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory

Hynix Semiconductor
HY29DL162 16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory

SPANSION
AM29PDLI27H 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29CD032G CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY

Power Integrations, Inc...
INT200 Low-side Drive and High-side Control with Simultaneous Conduction Lockout

Cypress Semiconductor
S29JL032J 32 Mbit (4M x 8-Bit/2M x 16-Bit), 3 V Simultaneous Read/Write Flash

Analog Devices
AD7779_16 8-Channel, 24-Bit, Simultaneous Sampling ADC

Linear Technology
LTC2413_15 24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection

Texas Instruments
THS1009_14 Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both

Analog Devices
AD7874SQ LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System

SPANSION
S29CD-J_12 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O™

Advanced Micro Devices
AM29DL320G 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory

SPANSION
S29CD-G 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O

AMIC Technology
A29DL32X 32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A82DL16X2T Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash

  1 2 3 4 5 6 7 8 9 10