Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SHIFTER Fiches techniques, Datasheet

Description trouvée : 'Shifter' - Totale: 15 (1/1) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE82P5003 8 Bit Programmable Phase Shifter, 32 GHz to 37 GHz
PE-W22PS1001 0 to 180 Degree WR-22 Waveguide Phase Shifter, From 33 GHz to 50 GHz, With a UG-383/U Round Cover Flange
PE-W42PS1001 0 to 180 Degree WR-42 Waveguide Phase Shifter, From 18 GHz to 26.5 GHz, With a UG-595/U Flange
PE-W12PS1001 0 to 180 Degree WR-12 Waveguide Phase Shifter, From 60 GHz to 90 GHz, With a UG-387/U Round Cover Flange
PE8253 50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE82P5000 8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PE82P5002 8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
PE-W19PS1001 0 to 180 Degree WR-19 Waveguide Phase Shifter, From 40 GHz to 60 GHz, With a UG-383/U-Mod Round Cover Flange
PE8255 50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE82P2000 Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PE-W28PS1001 0 to 180 Degree WR-28 Waveguide Phase Shifter, From 26.5 GHz to 40 GHz, With a UG-599/U Flange
PE-W10PS1001 0 to 180 Degree WR-10 Waveguide Phase Shifter, From 75 GHz to 110 GHz, With a UG-387/U-Mod Round Cover Flange
PE82P5001 8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
PE-W15PS1001 0 to 180 Degree WR-15 Waveguide Phase Shifter, From 50 GHz to 75 GHz, With a UG-385/U Round Cover Flange
PE8254 50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz