Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SYNCHRONOUS Fiches techniques, Datasheet

Description trouvée : 'SYNCHRONOUS' - Totale: 36 (1/2) Page
FabricantNo de pièceVoirDescription

Vishay Siliconix
SIP11203 Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
SI9169 High Frequency 1-A Synchronous Buck/Boost Converter
SI9169_07 High Frequency 1-A Synchronous Buck/Boost Converter
SI9130DB 5- and 3.3-V Step-Down Synchronous Converters
IRF1324SLPBF High Efficiency Synchronous Rectification in SMPS
SI9122E 500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
SI9122A_08 500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
SIC413_13 microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
SI9165_07 High Frequency 600-mA Synchronous Buck/Boost Converter
SI9142 Synchronous Buck Controller for High Performance Processors
SI9168 Synchronous Buck or Boost Controller for 2-Cell Li+ Battery Operated Portable Communication Devices
SI4726CY N-Channel Synchronous MOSFETs with Break-Before-Make
SI9124 500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
SI9123 500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
SI7156DP Synchronous Rectification
SI4724CY N-Channel Synchronous MOSFETs with Break-Before-Make
SIP12107 5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
SI4728CY N-Channel Synchronous MOSFETs with Break-Before-Make
SI4724CY_05 N-Channel Synchronous MOSFETs
SIC462 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

  1 2