Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STYLE Fiches techniques, Datasheet

Description trouvée : 'STYLE' - Totale: 1833 (1/92) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
CS1 Style CS1 and Style CW

Gamewell-FCI by Honeywe...
AMM-4F Addressable monitor module single circuit, Style D, Class A or Style BC/A and B

Caddock Electronics, In...
MP800_17 TO-220 Style and TO-126 Style - Non-Inductive Designs

Tensility International...
50-00041 Connector, 4C audio jack, 3.5x7.8xL25.8 mm, brass, nickel plated, molding style, molding style

Molex Electronics Ltd.
0192210562 Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Style Un-PlatedWide Pad

Vishay Siliconix
SPU Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal

Molex Electronics Ltd.
0850132282 2.54mm Pitch DIN 41612 Header, Through Hole, Vertical, C-Pin Press-Fit Style R Reverse, 1μm Selective Gold (Au), 64 Circuits, Lead free
1061162000 EMI SC Adapter, Simplex, Metal Body, Snap Mount Style, Shutter
0850130048 2.54mm Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse

Pomona Electronics
6746A BNC (M) Compression Style, 75 Ω

AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style

Molex Electronics Ltd.
0545501971 0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT,ZIF, Top Contact Style, 19 Circuits, Gold (Au) Contact Plating

Littelfuse
01520001TXN Fuse Holder for MAXI® Style Blade Fuse

Molex Electronics Ltd.
0850030282 2.54mm Pitch DIN 41612 Header, Style C, 64 Circuits, Lead free

RAF ELECTRONIC HARDWARE
0822-SS CAPTIVE PANEL SCREW STYLE 4

Molex Electronics Ltd.
0850400414 2.54mm Pitch DIN 41612 Receptacle, Style B, 64 Circuits, Lead free

Rhombus Industries Inc.
T-13750 ISDN S-Interface Applications Transformers - RM Style

List of Unclassifed Man...
B04B-PNISK-1ALFSN 2.0mm pitch/Disconnectable Crimp style connectors

Molex Electronics Ltd.
0365000027 2.54mm Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30μm Selective Gold (Au) Plating, 96 Circuits

jb Capacitors Company
JFR Inductive, Radial & Axial, welded lead style.

  1 2 3 4 5 6 7 8 9 10