Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-UP Fiches techniques, Datasheet

Description trouvée : 'STEP-UP' - Totale: 161 (1/9) Page
FabricantNo de pièceVoirDescription

Linear Technology
LTC3121 15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LT3467A_15 1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LTC1876_15 High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
LTC3428 4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LT1300_15 Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
LTC3125 1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3813 100V Current Mode Synchronous Step-Up Controller
LT1106 Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1615-1_15 Micropower Step-Up DC/DC Converters in ThinSOT
LTC3527_15 Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3862 Multi-Phase Current Mode Step-Up DC/DC Controller
LTM4661 15V, 4A Step-Up μModule Regulator
LTC3526_15 500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC1700 No RSENSE Synchronous Step-Up DC/DC Controller
LT1106_15 Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LTC3526L-2_15 550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3525-3_15 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3425_15 5A, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
LTC3203B-1_15 500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LT1944 Dual Micropower Step-Up DC/DC Converter

  1 2 3 4 5 6 7 8 9