Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-UP Fiches techniques, Datasheet

Description trouvée : 'STEP-UP' - Totale: 55 (1/3) Page
FabricantNo de pièceVoirDescription

Texas Instruments
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LMR62421_14 SIMPLE SWITCHER® 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
TPS61087DRCR 650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TLV61220 LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TPS61230A TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
LM3502_15 Step-Up Converter for White LED Applications
LM2703MFX-ADJ LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
TPS81256_14 3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP™ PACKAGING
TPS61220 LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61253 3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253_016 TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TLV61225DCKT SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS81256 3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP™ PACKAGING
LM2621_15 Low Input Voltage, Step-Up DC-DC Converter
TPS61085_17 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
LM2621_14 Low Input Voltage, Step-Up DC-DC Converter
LM2700Q_15 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2577SX-ADJNOPB SIMPLE SWITCHER® Step-Up Voltage Regulator
TPS61085-Q1 650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER

  1 2 3