Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-UP Fiches techniques, Datasheet

Description trouvée : 'STEP-UP' - Totale: 13 (1/1) Page
FabricantNo de pièceVoirDescription

Semtech Corporation
SC4503WLTRT 1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC2441A 1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC4502 1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4509 Highly Integrated Step-Up Converter for White LED Applications in MLPD-W8-2x2
SC1628 HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
SC4501 2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC1631 LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC2308A 600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
SC1417B MicroPower, 620kHz PWM, Step-up DC/DC Converter
SC2441 Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A_09 1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC1633 LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC4503 1.3MHz Step-Up Switching Regulator with 1.4A Switch