Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-UP Fiches techniques, Datasheet

Description trouvée : 'STEP-UP' - Totale: 29 (1/2) Page
FabricantNo de pièceVoirDescription

ams AG
AS1323_1 1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS3833 6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
AS1329_1 Low Voltage, Micropower, DC-DC Step-Up Converters
AS1323_04 1.6μA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1325 300mA Step-Up DC-DC Converter
AS1337_1 200mA, DC-DC Step-Up Converter with Buck Mode
AS1326_04 High Current, 0.8A DC-DC Step-Up Converters
AS1326_1 High Current, 0.8A DC-DC Step-Up Converters
AS1310-BTDT-18 Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1329_13 Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1337 200mA, DC-DC Step-Up Converter with Buck Mode
AS1330 4MHz, Low Voltage, DC-DC Step-Up Converter
AS1321 130mA Step-Up DC-DC Converter
AS1320 200mA Step-Up DC-DC Converter
AS1322 Low Voltage, Micropower, DC-DC Step-Up Converters
AS1310_12 Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1345 18V, High Efficiency, DC-DC Step-Up Converter
AS1329 Low Voltage, Micropower, DC-DC Step-Up Converters
AS1321_1 130mA Step-Up DC-DC Converter
AS1320_1 200mA Step-Up DC-DC Converter

  1 2