Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-UP Fiches techniques, Datasheet

Description trouvée : 'STEP-UP' - Totale: 1268 (8/64) Page
FabricantNo de pièceVoirDescription

Linear Technology
LTC3108-1_15 Ultralow Voltage Step-Up Converter and Power Manager

Maxim Integrated Produc...
MAX1722_12 1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5

Analog Intergrations Co...
AIC1880 Low Noise, Step-Up PWM DC/DC Converter

Torex Semiconductor
XC9119D10A 1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible

National Semiconductor ...
LM2621 Low Input Voltage, Step-Up DC-DC Converter

Intersil Corporation
EL7516IY 600kHz/1.2MHz PWM Step-Up Regulator

Panasonic Semiconductor
ELT5KT220L Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)

Rohm
BD8311NUV High-efficiency Step-up Switching Regulator with Built-in Power MOSFET

BCD Semiconductor Manuf...
AP3012 1.5MHz STEP-UP DC-DC CONVERTER

Analog Intergrations Co...
AIC1633 2-Cell, 200mA, Step-Up DC/DC Converter

Union Semiconductor, In...
UM1661_16 High Efficiency Low Noise PFM Step-Up DC/DC Converter

ams AG
AS1326_04 High Current, 0.8A DC-DC Step-Up Converters

Linear Technology
LTC3108 Ultralow Voltage Step-Up Converter and Power Manager

Advanced Analogic Techn...
AAT1270 1A Step-Up Current Regulator for Flash LEDs

Maxim Integrated Produc...
MAX1832 High-Efficiency Step-Up Converters with Reverse Battery Protection

STMicroelectronics
STOD13AM Step-up and inverter converters

Texas Instruments
LM3500_14 Synchronous Step-up DC/DC Converter for White LED Applications

Silicon Standard Corp.
SS6640 Low Voltage Step-Up DC/DC Converter

Monolithic Power System...
EV1517DR-00A 3A, 25V, 1.1MHz Step-Up Converter

Maxim Integrated Produc...
MAX1642 High-Efficiency, Step-Up DC-DC Converters for 1V Inputs

  1 2 3 4 5 6 7 8 9 10