Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STEP-DOWN Fiches techniques, Datasheet

Description trouvée : 'STEP-DOWN' - Totale: 5102 (1/256) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX16993 Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters

Rohm
BD8962MUV Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET

Texas Instruments
LMR14206 SIMPLE SWITCHER® 42Vin, 0.6A Step-Down Voltage SWITCHER® 42Vin, 0.6A Step-Down Voltage

Monolithic Power System...
EV28300-G-01A Ultra Low IQ Step-down Regulator plus LDO Step-Down Switcher Evaluation Board

Linear Technology
LTC3619B 400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit

STMicroelectronics
STEVAL-ISA097V1 2 A step-down switching demonstration board based on the L7985 in DFN10 package

Monolithic Power System...
MP8666 6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver

Rohm
BD9778F Flexible Step-Down Switching Regulator

Linear Technology
LTC1874 Dual Constant Frequency Current Mode Step-Down DC/DC Controller

Advanced Analogic Techn...
AAT1149B 2.2MHz Fast Transient 400mA Step-Down Converter

National Semiconductor ...
LM2688 Non-synchronous Step-down Controller for Pentium Microprocessors

ON Semiconductor
NCP1532 Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A

Infineon Technologies A...
IFX91041 1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage

Taiwan Memory Technolog...
T6333A The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.

Eutech Microelectronics...
EUP3402 Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator

Monolithic Power System...
MP8761 High Efficiency, 8A, 18V, Synchronous, Step-Down Converter

Texas Instruments
LM22675QMR-ADJ LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with

Linear Technology
LTC3604_15 2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC1148-5_15 High Efficiency Synchronous Step-Down Switching Regulators

Texas Instruments
TPS59650_15 Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP+™ Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers

  1 2 3 4 5 6 7 8 9 10