Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

STAINLESS Fiches techniques, Datasheet

Description trouvée : 'STAINLESS' - Totale: 397 (1/20) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE6073_16 1 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE7004-5 5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-2_16 2 dB Fixed Attenuator, TNC Male to TNC Female Passivated Stainless Steel Body
PE7047-5 5 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7091-10 10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-9 9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7161-9_16 9 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE6077 50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE7045-20_16 20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7044-1 1 dB Fixed Attenuator, 75 N Male To 75 N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 4 GHz
PE7395-20 20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body
PE7005-4_16 4 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7046-3 3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7045-6_16 6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-3 3 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7092-20 20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-30_16 30 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7030-3 3 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7090-15_16 15 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7089-10 10 dB Fixed Attenuator, 2.4mm Male To 2.4mm Female Stainless Steel Body Rated To 1 Watt Up To 50 GHz

  1 2 3 4 5 6 7 8 9 10