Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SPI Fiches techniques, Datasheet

Description trouvée : 'SPI' - Totale: 1591 (1/80) Page
FabricantNo de pièceVoirDescription

Sanyo Semicon Device
LE25CB5122M Serial SPI EEPROM (SPI Bus)(512Kbit)

TRINAMIC Motion Control...
TMC4361A SPI Interfaces for SPI motor stepper drivers.

Sanyo Semicon Device
LE25LA322 Serial SPI EEPROM (SPI Bus) (32Kbit)

Linear Technology
LTC2452_11 Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface

Sanyo Semicon Device
LE25LB642CT Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643_10 Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M_10 256Kbit Serial SPI EEPROM (SPI Bus)
LE25CA322 Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB1282M Serial SPI EEPROM (SPI Bus)(128Kbit)

Microchip Technology
SST25WF040B 4 Mbit 1.8V SPI Serial Flash

Cypress Semiconductor
CY14C512Q_12 512-Kbit (64 K × 8) SPI nvSRAM

Integrated Silicon Solu...
IS25C128 128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM

Analog Devices
ADUM4154 5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI

Winbond
W25Q16DW 1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

Intersil Corporation
X5168 CPU Supervisor with 16Kbit SPI EEPROM

Analog Devices
AD5066_15 Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP

ON Semiconductor
CAT15002 Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM

ATMEL Corporation
AT25128 SPI Serial EEPROMs

List of Unclassifed Man...
AT45DB161E 16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory

  1 2 3 4 5 6 7 8 9 10