Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



SPECIFICALLY Fiches techniques, Datasheet

Description trouvée : 'SPECIFICALLY' - Totale: 113 (1/6) Pages
FabricantNo de pièceVoirDescription

Littelfuse
438A The 438A series AECQ-compliant fuses are specifically tested to cater secondary circuit protection needs of compact auto electronics application

Future Technology Devic...
DS_FT311D The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.

Allegro MicroSystems
A4957 The A4957 is a full-bridge controller for use with external N-channel power MOSFETs and is specifically designed for applications with high-power inductive loads such as brush DC motors.

PHOENIX CONTACT
REL-PR1-110DC Plug-in high-power relay with power contacts, specifically for switching high DC loads, 1 N/O contact, blowout magnet, coil voltage: 110 V DC

Littelfuse
SAC The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events

Advanced Thermal Soluti...
ATS-56005-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements

Allegro MicroSystems
A4960 The A4960 is a three-phase, sensorless, brushless DC (BLDC) motor controller for use with external N-channel power MOSFETs and is specifically designed for automotive applications.

PHOENIX CONTACT
REL-PR1-230AC Plug-in high-power relay with power contacts, specifically for switching high DC loads, 1 N/O contact, blowout magnet, coil voltage: 230 V AC

rfsolutions.ltd
DS039-12 A range of high quality antennae designed and manufactured for operation specifically with Low power short range telemetry systems. Using one of the following antennae will give optimum range and reliability to your application.

Advanced Thermal Soluti...
ATS-56006-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements

Enpirion, Inc.
EV1320QI The EV1320QI is a DC to DC converter specifically designed for memory termination applications.

PHOENIX CONTACT
2316187 Developed specifically for field device coupler systems

Advanced Thermal Soluti...
ATS-56004-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements
ATS-56008-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements

XFMRS Inc.
XF3506SIP designed specifically for 100Mips TP-FDDI, 100 BASE-TX and 255Mbps ATM applications

Hamamatsu Corporation
C10475 Signal processing unit for photodiode module Specifically designed for photodiode modules (C10439 series)

Littelfuse
SMAJ The SMAJ series is designed specifically to protect

Advanced Thermal Soluti...
ATS-56009-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements

ADTech
MAGIC6 specifically designed for LED lighting and decorative LED lighting applications

Advanced Thermal Soluti...
ATS-56003-C4-R0_17 Designed specifically for ASIC package and their unique cooling requirements

1 2 3 4 5 6 Next