Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SOLID-STATE Fiches techniques, Datasheet

Description trouvée : 'SOLID-STATE' - Totale: 316 (1/16) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
RIF-0-OPT-24DC Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
RIF-0-OSC-24DC Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
ST-OV2-12DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks

OKI electronic componet...
MSM63V89C 1,048,576-Word x 1-Bit Solid-State Recorder Data Register

celduc-relais
SCI0251700 IGBT BASED DC SOLID-STATE RELAY

List of Unclassifed Man...
S20DC100 Output to 100A, 200 Vdc DC Solid-State Relay

Vishay Siliconix
LH1546AEF 1 Form A Solid-State Relay

PHOENIX CONTACT
PLC-BPT-230UC 6.2 mm PLC basic terminal block for input functions with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, with sensor supply voltage distribution (BB), 1 N/O contact, input voltage 230 V AC/DC

Micropac Industries
53200 SPDT SOLID-STATE RELAYS

International Rectifier
PVAZ172NPBF_15 Solid-State Reliability

PHOENIX CONTACT
RIF-RH-1-H Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 25 mm tall miniature power relay and solid-state relay

Allen-Bradley
700-SA Solid-State Relays

PHOENIX CONTACT
RIF-RHM-1 Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays

Sony Corporation
ICX415AL Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras

P-tec Corporation
PLSO-TR46000-M2X2 SOLID-STATE LED LIGHTING SYSTEM

Laird Tech Smart Techno...
AA-024-24-22 Reliable solid-state operation

PHOENIX CONTACT
ELR1-230AC Single-phase solid-state contactor, input voltage: 230 V AC, output current: 20 A, zero voltage switch
UMK-16RELS VARIOFACE module, for 16 plug-in miniature relays or miniature solid-state relays, with LED, negative switching, 24 V DC input voltage

Vishay Siliconix
LH1520AB_11 Dual 1 Form A Solid-State Relay

PHOENIX CONTACT
PLC-OSP-24DC Solid-state relay module

  1 2 3 4 5 6 7 8 9 10