Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SMT Fiches techniques, Datasheet

Description trouvée : 'SMT' - Totale: 5344 (1/268) Page
FabricantNo de pièceVoirDescription

Pulse A Technitrol Comp...
W3329 : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :

Molex Electronics Ltd.
0757830126 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Universal Key
0908143906 1.27mm Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface 1.27mm Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface

OSRAM GmbH
LAVH9F SMT package, standard SMT footprint 0402, colorless diffused resin

Molex Electronics Ltd.
0757840123 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Right Key

Hittite Microwave Corpo...
HMC277MS8_06 GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE

Wurth Elektronik GmbH &...
662306131822 3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS

Siemens Semiconductor G...
SFH325 NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package

OSRAM GmbH
LA-VH9F SMT package, standard SMT footprint 0402, colorless diffused resin

Molex Electronics Ltd.
0757840126 0.80mm Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36Circuit, 0.38μm Gold (Au), SMT Shell, Universal Key
0757840124 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Dual Key

Wurth Elektronik GmbH &...
6620XX231722 3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB

Molex Electronics Ltd.
5010541470 0.50mm Pitch Cradlecon I/O Plug, SMT, Right Angle, SMT Shell Tabs, 14 Circuits
0757840110 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Left Key
0757830112 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Dual Key
0472720023 0.50mm Pitch DisplayPort* Male Receptacle, Right Angle, SMT, 0.76μm (Au) Plating, 20 Circuits, without Cover; with Mylar, Latch Holes, Flange, Peg and SMT Tab of Shell, Leadfree

OSRAM GmbH
LW-VH8G SMT package, standard SMT footprint 0402, colored diffused resin

AVX Corporation
X2A2020RFDCT The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.

Taoglas antenna solutio...
DSGP1575184A02 GPS L1 / GALILEO E1 1575MHz SMT 18*18*4mm Ceramic Patch SMT Antenna

Molex Electronics Ltd.
0757830111 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Right Key

  1 2 3 4 5 6 7 8 9 10