Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



SHROUDED Fiches techniques, Datasheet

Description trouvée : 'SHROUDED' - Totale: 3756 (1/188) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0022035155_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 15 Circuits, Tin (Sn)
0099990987_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 3 Circuits, Tin (Sn)
0901361404_17 C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au) C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au)
0025026050 2.54mm (.100") Pitch C-Grid® Header, Dual Row, Shrouded, with PC Slot and Guide 2.54mm (.100") Pitch C-Grid® Header, Dual Row, Shrouded, with PC Slot and Guide

List of Unclassifed Man...
BU-6162-M-24-0 Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-72-0 Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone

Molex Electronics Ltd.
0099990996_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 12 Circuits, Tin (Sn)
0901361418_17 C-Grid III Header, Single Row, Vertical, Shrouded, 18 Circuits, Flash 0.10μm Gold (Au) C-Grid III Header, Single Row, Vertical, Shrouded, 18 Circuits, Flash 0.10μm Gold (Au)
0022035045_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn)
0022436150 2.50mm (.098") Pitch SPOX Header, Shrouded, Staggered Footprint, 15 Circuits, White
0741640064 2.54mm (.100") Pitch C-Grid Receptacle, Right Angle, Through Hole, Dual Row, Shrouded with Pegs, Version A
0908971641 2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header, 64 Circuits, Without Strain Relief
0015913083 2.54mm (.100) Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120" Pocket, Shrouded
0702461201 2.54mm (.100") Pitch C-Grid® Header, Low Profile, Dual Row, Vertical, Shrouded, 12Circuits, 0.38μm (15μ") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0878342421 2.54mm (.100) Pitch C-Grid® Header, Dual Row, Low Profile, Vertical, Shrouded, PCB Locators, with End Windows, 0.13μm (5μ) Gold (Au) Flash Plating, Nylon Housing
15-91-2035 2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 3 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0015800663 2.54mm (.100) Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 66 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating
0705450015 2.54mm (.100") Pitch SL™ Header, Single Row .120" Pocket Vertical, Shrouded, withPress-fir Plastic Peg, 16 Circuits, Tin (Sn) Plating
0905711341 2.54mm (.100) Pitch QF-50™ Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 34 Circuits, 0.1 μm Gold (Au)
0878320620_17 Milli-Grid Header, Surface Mount, Vertical, Shrouded, Lead-Free, 6 Circuits