Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SHORT Fiches techniques, Datasheet

Description trouvée : 'SHORT' - Totale: 1065 (1/54) Page
FabricantNo de pièceVoirDescription

Recom International Pow...
R-521.2XA Short circuit protection reduces the short circuit input current to under 50mA. Autosense function compensates for any losses in long circuit loops.

Molex Electronics Ltd.
0950432891_18 Modular Plug, Cat5e, Short Body, Shielded, 8/8, Black Boot

STMicroelectronics
STP16DPP05 Short and open output error detection

Ironwood Electronics.
SMP-QFN-8015 Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9004 Automated probe manufacturing enables low cost and short lead time

List of Unclassifed Man...
102-1092-BL-F0300 100% SHORT, OPEN, MISWIRE TEST

Ironwood Electronics.
CBT-BGA-6013 Automated probe manufacturing enables low cost and short lead time

XP Power Limited
AEP Continous Short Circuit Protection

Pasternack Enterprises,...
PE5SC1000 3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz

Nell Semiconductor Co.,...
70FD Short reverse recovery time

TDK Electronics
B3933 SAW Components SAW filter Short range devices

List of Unclassifed Man...
RL1632R-2R00-F Low resistance chip resistors (short side terminal)
P180 SSMP MALE STRAIGHT SHORT

Tyco Electronics
2-1393640-4 RECEPTACLE ASSEMBLY EUROCARD TYPES B,C AND SHORT VERSIONS

Infineon Technologies A...
SIGC42T170R3G_08 1700V Trench + Field Stop technology low turn-off losses short tail current

EPCOS
R974 SAW Components SAW resonator Short range devices

Molex Electronics Ltd.
0359790640 7.92mm Pitch Wire-to-Board Header, Vertical, 6 Circuits, White, Short PC Tails, Polyester Alloy, Glow Wire Compatible

EPCOS
B3710_1 SAW filter Short range devices

Alcoa international inc...
99-1479 Blind Rivet, Adjustable, Short

Integrated Device Techn...
IDT82V2054 QUAD E1 SHORT HAUL LINE INTERFACE UNIT

  1 2 3 4 5 6 7 8 9 10