Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SHIELD Fiches techniques, Datasheet

Description trouvée : 'SHIELD' - Totale: 458 (1/23) Page
FabricantNo de pièceVoirDescription

General Cable Technolog...
C8115 3 /C 24 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket

Molex Electronics Ltd.
0746972609 2.00mm (.079) Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 100 Circuits
0746511112 2.00mm Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 60 Circuits
0746971104 2.00mm (.079) Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746971102 2.00mm (.079) Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits

General Cable Technolog...
C8110 4 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
C8117 2 /C 24 AWG Stranded Tinned Copper, Foam FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket

Molex Electronics Ltd.
0746511104 2.00mm Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 60 Circuits, Pin Length

PHOENIX CONTACT
2700518 Axioline shield connection set (contains 2 busbar holders and 2 SK 5 shield connection clamps)

Molex Electronics Ltd.
0746512602 2.00mm Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 150 Circuits, Pin Length 6.25mm

General Cable Technolog...
C8119 3 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
C8111 2 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
C8120 6 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket

Molex Electronics Ltd.
0746972612 2.00mm Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 100 Circuits, Pin Length

Glenair, Inc.
527527BPA EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell

General Cable Technolog...
C8129 2 PR 24 AWG Stranded Tinned Copper, Foam FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and Plenum PVC Jacket
C8107 3 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
C8108 6 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket

Glenair, Inc.
500T011E09B04_11 EMI/RFI Shield Sock Backshell

Burr-Brown (TI)
0100MS EMI SHIELD

  1 2 3 4 5 6 7 8 9 10