Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

SAFE Fiches techniques, Datasheet

Description trouvée : 'SAFE' - Totale: 163 (1/9) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2700606 Safety-related digital output module, IP20 protection, for the SafetyBridge system. The module has four safe digital outputs with two-channel occupancy or 8 safe digital outputs with single-channel occupancy

Micrel Semiconductor
SY89835U 2.5V, 2GHz (3.2 Gbps) Ultra-Precision, Differential 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input

List of Unclassifed Man...
RS-525-PCAR Safe - through Multiple Over Power Protections

STMicroelectronics
ST6200C 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6215C 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6200CM-AUTO 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET

Micrel Semiconductor
SY54016R Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz

SICK AG
FLA-PWRI00001 SAFE SERIES CONNECTION

Micrel Semiconductor
SY58604U 3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58606U 4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input

Inchange Semiconductor ...
2SB850 Wide Area of Safe Operation
2SD1238 Wide Area of Safe Operation

STMicroelectronics
ST62T55C 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI

Rohm
2SB1357 Transistor PNP (low collector saturation voltage wide safe operation area)

Molex Electronics Ltd.
0357182210 4.75mm Safe Lock Terminal, Quick Disconnect, Female, 0.81mm Tab Thickness, Wire Range 18-20 AWG (0.80-0.52mm²), Pre-Tin Plated

LUMEX INC.
SSF-H1350SYD-L ESD SAFE T-3mm RIGHT ANGLE FAULT INDICATOR

Molex Electronics Ltd.
0357254610 6.35mm Tab Safe Locking Wire-To-Board Terminal, Female, 18-14 AWG, Pre- Tin Plated

PHOENIX CONTACT
PSR-SCP-120UC Safe coupling relay

STMicroelectronics
ST62T52CM-AUTO 8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T55C_01 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI

  1 2 3 4 5 6 7 8 9