Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

RESISTOR Fiches techniques, Datasheet

Description trouvée : 'Resistor' - Totale: 17 (1/1) Page
FabricantNo de pièceVoirDescription

Analog Devices
AD5111 Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
AD22105 Low Voltage, Resistor Programmable Thermostatic Switch
ADN2850_16 Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD22105_15 Low Voltage, Resistor Programmable Thermostatic Switch
AD5124 The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the Ax, Bx, and Wx pins.
AD5110 Single-Channel, 128-/64-/32-Position, I2C, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
AD5272 1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
AD5246 128-Position I2C Compatible Digital Resistor
AD5122 The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the Ax, Bx, and Wx pins.
AD22105ARZ Low Voltage, Resistor Programmable Thermostatic Switch
ADN2850_15 Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5246BKSZ100-RL7 128-Position I2C-Compatible Digital Resistor
ADN2850BRUZ25-RL7 Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5116 Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
AD5270 1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
AD5111BCPZ10-RL7 Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
AD5272BRMZ-20 1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat