Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

RS-232 Fiches techniques, Datasheet

Description trouvée : 'RS-232' - Totale: 787 (1/40) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2727349 Inline RS-232 function terminal block, for serial data transmission, without accessories, 1 serial input and output channel in RS-232 design

Advantech Co., Ltd.
ADAM-4510 RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter

PHOENIX CONTACT
2744490 First generation FL COM SERVER RS-232, for converting a serial RS-232 interface to Ethernet incl. CD-ROM with drivers, additional software, and user documentation (PDF)

Intersil Corporation
ISL3232E QFN Packaged, ±15kV ESD Protected, +2.7V to +5.5V, 150nA, 250kbps, RS-232 +2.7V to +5.5V, 150nA, 250kbps, RS-232

Renesas Technology Corp
HIN202E ±15kV, ESD-Protected, +5V Powered, RS-232 Transmitters/Receivers

Intersil Corporation
ICL3238E +-15kV ESD Protected, +3V to +5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown

Maxim Integrated Produc...
MAX3387E_10 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones

Texas Instruments
SN75LV4737A_08 3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER

Intersil Corporation
ICL3244 1Microamp, +3V to +5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown

STMicroelectronics
ST3232EB_08 ± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers

Analog Devices
ADM233LJNZ 5 V-Powered CMOS RS-232 Drivers/Receivers

STMicroelectronics
ST3384E ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER

Exar Corporation
XR19L220_07 SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER

Sipex Corporation
SP231A Enhanced RS-232 Line Drivers/Receivers

STMicroelectronics
ST3237E_06 ± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by

Maxim Integrated Produc...
MAX3225EEUP 15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers

STMicroelectronics
ST75285 MULTIPLE RS-232 DRIVERS AND RECEIVERS

Texas Instruments
SN65C3221_06 3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER

Analog Devices
ADM213EARSZ EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers

Axiomtek Co., Ltd.
AX93A00 Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x VGA

  1 2 3 4 5 6 7 8 9 10