Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

RMS Fiches techniques, Datasheet

Description trouvée : 'RMS' - Totale: 246 (1/13) Page
FabricantNo de pièceVoirDescription

Littelfuse
D2025 Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D4015L56 Teccor manufactures 15 A rms to 25 A rms rectifiers

Motorola, Inc
MCR8 SCRs 8 AMPERES RMS 400 thru 800 VOLTS

Powerex Power Semicondu...
PA4307 POW-R-BLOK AC Switch SCR Isolated Module (1550 Amps RMS, Up to 1800 Volts)

Extech Instruments Corp...
EX623 400Amp True RMS AC/DC Clamp Meter with IR Thermometer

Sharp Electrionic Compo...
S102S02F IT(rms)≤8A, Non-Zero Cross type SIP 4pin Triac output SSR

Texas Instruments
LMH2120_15 LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range

Motorola, Inc
T2500FP ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS

Extech Instruments Corp...
382075 3-Phase True RMS Clamp-On Power Analyzer

Texas Instruments
DDC101 MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms

Hittite Microwave Corpo...
HMC1020LP4E RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz

New Jersey Semi-Conduct...
C158 C158-C159 SCR1200Volts - 110A RMS

Linear Technology
LT5581_15 6GHz RMS Power Detector with 40dB Dynamic Range

Silicon Laboratories
SI545 Ultra low jitter: 80 fs Typ RMS

ON Semiconductor
2N6394_06 Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS

Sharp Electrionic Compo...
PR36MF11NSZ IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR

M/A-COM Technology Solu...
MACP-010561_15 Temperature Compensated Directional RMS Power Detector

Sharp Electrionic Compo...
S208T02F IT(rms)≤8A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR

Analog Devices
ADUM130D 3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators

Motorola, Inc
BRX44 SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS

  1 2 3 4 5 6 7 8 9 10