Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



RIGHTANGLE Fiches techniques, Datasheet

Description trouvée : 'RIGHTANGLE' - Totale: 28 (1/2) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0673298030 Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.25mm (.128") Beveled Metal Pins, PCBThickness 1.20mm (.045"), Gold (Au) Flash, Lead Free
0736510133 2.00mm (.079") Pitch HDM® Board-to-Board Daughterboard Power Module, RightAngle, SMC, 3-Blade Module, 3 Circuits
0673519054 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, with Hex Thumb Screw, 2.34mm (.092") PC Tail Length, 29 CircuitsLead Free

KODENSHI KOREA CORP.
KB1611R62 The KB1611R62 (KLB-11R) is a very small-sized chip LED which makes rightangle mounting available.

Molex Electronics Ltd.
0673511800 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length,29 Circuits, without Pegs, Lead Free
0876582005 6.35mm (.250") Pitch, EXTreme PowerPlus™ Header, All Power, Through Hole, RightAngle, 5 Circuits, with Beveled Metal Pin, Lead-free
0675031230 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs without Back Cover and PCB Locator Pegs, Lead Free
0673298001 Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.047")and 1.60mm (.063"), 0.76μm (30μ") Gold (Au) Plating, Lead Free
0743202021 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
0713085406 2.00mm (.079") Pitch HDM® Board-to-Board Daughterboard Power Module, RightAngle, SMC, 3-Blade Module, 3 Circuits
0673298031 Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.25mm (.128") Beveled Metal Pins, PCBThickness 1.20mm (.045"), 0.76μm (30μ") Gold (Au) Plating, Lead Free
0673519057 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, Gold (Au) Flash, with Hex Thumb Screw, 29 Circuits, Lead Free
0744410010 0.80mm (.031") Pitch SFP, SFP Plus (SFP+) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.76μm (30μ") Gold (Au)
0675031340 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Through Hole, RightAngle, Straight Solder Tabs, with PCB Locator Plastic Pegs, Lead Free
0675031030 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs Length 0.80mm(.031"), Lead Free
0744410001 0.80mm (.031") Pitch SFP, SFP Plus (SFP+) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.38μm (15μ") Gold (Au)
0540920819 1.60mm (.063") Pitch Board-to-Board Panel Detachable, PCB Receptacles, RightAngle, 8 Circuits, Gold (Au) Selective Plating, with Beveled Metal Pins, Tray PackagingLead-free,
0743209076 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, RightAngle, 2.79mm (.123") P.C. Tail Length, Jackpost pre-tightened Type, 24 Circuits, Lead
0675031120 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs, Halogen-freeLead-free
0673511807 MicroCross™ DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, 3.12mm (.123") PC TailLength, Polyester (PBT), Screw Hole, 4-40 Thread,29 Circuits, Lead Free

1 2 Next


1 2 Next