Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



RIGHTANGLE Fiches technique, PDF

Mot-clé recherché : 'RIGHTANGLE' - Totale: 17 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
Molex Electronics Ltd.
0672320001 Datasheet pdf image
190Kb/3P
1.27mm (.050") Pitch One Slot Card Bus Header-Flush Profile, Edge Mount, RightAngle, SMT
0540920819 Datasheet pdf image
145Kb/4P
1.60mm (.063") Pitch Board-to-Board Panel Detachable, PCB Receptacles, RightAngle, 8 Circuits, Gold (Au) Selective Plating, with Beveled Metal Pins, Tray PackagingLead-free,
0673519057 Datasheet pdf image
255Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, Gold (Au) Flash, with Hex Thumb Screw, 29 Circuits, Lead Free
0675031230 Datasheet pdf image
112Kb/3P
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs without Back Cover and PCB Locator Pegs, Lead Free
0675031340 Datasheet pdf image
122Kb/3P
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Through Hole, RightAngle, Straight Solder Tabs, with PCB Locator Plastic Pegs, Lead Free
0673511014 Datasheet pdf image
223Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length29 Circuits, Lead Free
0675031120 Datasheet pdf image
142Kb/3P
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs, Halogen-freeLead-free
0673511800 Datasheet pdf image
227Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length,29 Circuits, without Pegs, Lead Free
0675031030 Datasheet pdf image
139Kb/3P
0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs Length 0.80mm(.031"), Lead Free
0673298000 Datasheet pdf image
130Kb/3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.045")and 1.60mm (.062"), Gold (Au) Flash, Lead Free
0673298030 Datasheet pdf image
127Kb/3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.25mm (.128") Beveled Metal Pins, PCBThickness 1.20mm (.045"), Gold (Au) Flash, Lead Free
0673511804 Datasheet pdf image
206Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, 2.34mm (.092") PC Tail Length,29 Circuits, Lead Free
0673298031 Datasheet pdf image
127Kb/3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.25mm (.128") Beveled Metal Pins, PCBThickness 1.20mm (.045"), 0.76關m (30關") Gold (Au) Plating, Lead Free
0673298001 Datasheet pdf image
130Kb/3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), Kinked Pins, PCB Thickness 1.20mm (.047")and 1.60mm (.063"), 0.76關m (30關") Gold (Au) Plating, Lead Free
0673511807 Datasheet pdf image
232Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, 3.12mm (.123") PC TailLength, Polyester (PBT), Screw Hole, 4-40 Thread,29 Circuits, Lead Free
0673519054 Datasheet pdf image
253Kb/4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), ScrewHole, 4-40 Thread, with Hex Thumb Screw, 2.34mm (.092") PC Tail Length, 29 CircuitsLead Free
0673298021 Datasheet pdf image
127Kb/3P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.65mm (.144") Beveled Metal Pins, PCBThickness 1.60mm (.062"), 0.76關m (30關") Gold (Au) Plating, Lead Free