Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

RECTIFIER Fiches techniques, Datasheet

Description trouvée : 'RECTIFIER' - Totale: 17 (1/1) Page
FabricantNo de pièceVoirDescription

Foshan Blue Rocket Elec...
MB1S 0.8A Surface Mount Glass Passivated Bridge Rectifier, MBS package.
FTB10F-12 1.2A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
TB1S-15 1.5A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
MB1S-05 0.5A Surface Mount Glass Passivated Bridge Rectifier, MBS package.
MB1S-10 1.0A Surface Mount Glass Passivated Bridge Rectifier, MBS package.
FTB10F-10 1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-15 1.5A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
ABS201 2.0A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
BRGBU2502SF Ultrafast Recovery rectifier bridge in a GBU Plastic Package.
SS12F Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:1.0A ,SMAF
SS22F Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
SSL34F Surface Mount Schottky Barrier Rectifier, Reverse Voltage:40V, Forward Current:3.0A ,SMAF thin
SSL54F Surface Mount Schottky Barrier Rectifier, Reverse Voltage:40 to 60 V, Forward Current:5.0A ,SMAF
FTB10F-20 2.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
MB1M 0.8A DIP Glass Passivated Bridge Rectifier, MBM package.
SS32F Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:3.0A,SMAF
TB1S-10 1A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.