Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

RECEIVER Fiches techniques, Datasheet

Description trouvée : 'RECEIVER' - Totale: 40 (1/2) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX7033_1109 315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
MAX9173 Quad LVDS Line Receiver with Flow-Through Pinout and “In-Path” Fail-Safe
MAX9130EXT Single 500Mbps LVDS Line Receiver in SC70
MAX7042_12 308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
MAX7042 308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
MAX9115 Single LVDS Line Receiver in SC70
MAX1473_11 315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
MAX9130 Single 500Mbps LVDS Line Receiver in SC70
MAX7036_10 300MHz to 450MHz ASK Receiver with Internal IF Filter
MAX9159 Dual LVDS Line Receiver
MAX7033_11 315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
MAX2140 Complete SDARS Receiver
MAX7042_07 308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
MAX7033 315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
MAX7034_11 315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX7036_12 300MHz to 450MHz ASK Receiver with Internal IF Filter
MAX2741 Integrated L1-Band GPS Receiver
MAX1470 315MHz Low-Power, +3V Superheterodyne Receiver
MAX7034_09 315MHz/434MHz ASK Superheterodyne Receiver
MAX9179 Quad LVDS Receiver with Hysteresis

  1 2