Fabricant | No de pièce | Fiches technique | Description |
Texas Instruments
|
LMC6482 |
2Mb/35P |
Rail-to=Rail Input Common-Mode Voltage Range(Ensured Over Temperature), Ensured 3V, 5V and 15V Performance |
LMC6482AIM-NOPB |
2Mb/35P |
Rail-to-Rail Input Common-Mode Voltage Range (Ensured Over Temperature) |
LM431 |
1Mb/23P |
The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation. |
DAC088S085 |
1Mb/35P |
Ensured Monotonicity, Low Power Operation, Rail-to-Rail Voltage Output, Daisy Chain Capability |
ADS8382 |
1Mb/36P |
600-kHz Sample Rate, 짹1.25 LSB Typ, 짹3 LSB Max INL, 18-Bit NMC Ensured Over Temperature |
PHOENIX CONTACT
|
3076484 |
76Kb/5P |
Reliable cable connection is ensured by three-point centering of the conductor in the prismatic sleeve base |
Texas Instruments
|
CGS74LCT2524 |
110Kb/7P |
Ideal for Low Power/Low Noise High Speed Applications, Ensured:??300 ps Pin-to-Pin Skew (tOSHL and tOSLH) |
List of Unclassifed Man...
|
V4NST7YRUL |
371Kb/4P |
Preferred Range |
Murata Manufacturing Co...
|
SCA100T-D02 |
168Kb/2P |
Maximum Range |
SCL1700-D01 |
161Kb/2P |
Maximum Range |
Pulse A Technitrol Comp...
|
PG1083.503NLT |
856Kb/2P |
Inductance Range |
Integrated Device Techn...
|
XUH |
255Kb/12P |
Frequency range |
XUL |
220Kb/12P |
Frequency range |
Murata Manufacturing Co...
|
SCA61T-FAHH1G |
166Kb/2P |
Maximum Range |
SCA103T-D05 |
169Kb/2P |
Maximum Range |
SCA121T-D05 |
169Kb/2P |
Maximum Range |
SCC2230-D08 |
172Kb/2P |
Maximum Range |
SCR2100-D08 |
169Kb/2P |
Maximum Range |
Integrated Device Techn...
|
XUO |
214Kb/12P |
Frequency range |
XUQ |
213Kb/12P |
Frequency range |