Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PIN Fiches techniques, Datasheet

Description trouvée : 'Pin' - Totale: 88 (1/5) Page
FabricantNo de pièceVoirDescription

Harwin Plc
M22-2040205 2.00mm PITCH DIL HORIZONTAL PC TAIL PIN HDR
M40-3200345R 1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY
M20-9960245 2.54mm PITCH SIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
H2082-01 TERMINAL PIN
H2176-01 TERMINAL PIN
H3150-01 COLD FORM TERMINAL PIN
M50-3500142 1.27 mm PITCH DIL VERTICAL PIN HEADER
S8081-46R HORIZONTAL SMT CABLE AND PIN CLIP
M50-360_11 1.27mm PITCH DIL VERTICAL SMT PIN HEADER
M20-8770246 2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY (LEFT-HANDED LEAD)
H2083-01 TERMINAL PIN
M20-9950245 2.54mm PITCH DIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
M50-3900142 1.27 mm PITCH DIL HORIZONTAL PIN HEADER
M22-2200245 2mm VERTICAL SHROUDED PIN HEADER
P70-2100045R SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
M20-8750242R 2.54mm PIN HEADER DIL VERTICAL SMT TAPE & REEL
M20-9710245 2.54mm PITCH SIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
S70-125161545R SMT POGO PIN CONTACT PAD
M20-9770242 2.54mm PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
M50-350XXXX 1.27MM PITCH DIL VERTICAL PIN HEADER

  1 2 3 4 5