Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PIN Fiches techniques, Datasheet

Description trouvée : 'Pin' - Totale: 10 (1/1) Page
FabricantNo de pièceVoirDescription

Zarlink Semiconductor I...
ZL60006 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
MF432 High Performance PIN
ZL60038 650-nm, 125 Mbps Pin Preamplifier for Plastic Optical Fiber
ZL60010 High-Performance Linear PIN 1300nm, 1550nm
MF443 1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
ZL60015 Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN + Pre-amp with Photocurrent Monitor
ZL60012 1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
MF446 High-Performance PIN
ZL60007 1310nm, 1550nm 622Mbps PIN with Preamplifier
ZL60013 1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV