Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PIN Fiches techniques, Datasheet

Description trouvée : 'Pin' - Totale: 14 (1/1) Page
FabricantNo de pièceVoirDescription

Zetex Semiconductors
DIL8 Dual in-line, 8 pin package
MLP322 Surface mounted, 3 pin package Package outline
TO92 Through hole, 3 pin package Package outline
SC70-5 Surface mounted, 5 pin package Package outline
SOT23_07 Surface mounted, 3 pin package
SOT23-5 Surface mounted, 5 pin package
SSOP28 Surface mounted, 28 pin package
SOD523 Surface mounted, 2 pin package Package outline
TSSOP20 Surface mounted, 20 pin package
SOT23F Surface mounted, 3 pin package
SOD323_07 Surface mounted, 2 pin package
DIL14 Dual in-line, 14 pin package
SOT323_07 Surface mounted, 3 pin package
TSOT23-5 Surface mounted, 5 pin package