Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



PROVIDING Fiches techniques, Datasheet

Description trouvée : 'PROVIDING' - Totale: 96 (1/5) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
GM5060 GRAPHICS PROCESSING IC PROVIDING HIGH QUALITY IMAGES FOR LCD MONITORS

International Rectifier
IRDC3810 The IR3810 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.

Analog Devices
CN-0283 Providing Fixed Power Gain at the Output of an IQ Modulator

Rohm
BM60014FV-C_15 Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation

STMicroelectronics
AN4355 The L6480 and L6482 devices are motor controllers providing

Unisonic Technologies
U74HC595A 8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT

Rohm
BM60014FV-C Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation

ams AG
OA211 OA211 is an OR / AND circuit providing the logical function Q = [ (A+B).C.D ].

International Rectifier
IRDC3821A The IR3821A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.

Allegro MicroSystems
A6262 The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.

rfsolutions.ltd
SCRTM4RA-1 The SCRTM4RA is a PCB mounting terminal providing a simple method of attaching a low cost 4mm Screw thread antenna to a PCB

Rohm
BM60055FV-C 1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage

List of Unclassifed Man...
OA22 OR / AND circuit providing the logical function Q

International Rectifier
IRDC3853 The IR3853 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.

Ralston Instruments.
QTHA-KIT3-SS Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters

International Rectifier
IRDC3048 The IRU3048 IC combines a dual synchronous PWM controller and a linear regulator controller, providing a cost-effective, high performance and flexible solution for multi-output applications

Allegro MicroSystems
UDN2987X-6_12 Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6261 The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.

Rohm
BM6108FV-LB Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation

STMicroelectronics
AN4241 The L6470 and L6472 are fully integrated motor drivers providing

1 2 3 4 5 Next


1 2 3 4 5 Next