Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



PROTECTIVE Fiches techniques, Datasheet

Description trouvée : 'PROTECTIVE' - Totale: 326 (1/17) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1424397 Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, protective cover material: PC, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M25, protective cover: yes, Standard
1424401 Protective cover D25, for single locking latch, protective cover material: PC, height: 19 mm
1424417 Protective cover D50, for double locking latch, protective cover material: PA, height: 19 mm, seal: no, Standard

Bourns Electronic Solut...
1250-XS-120 General Duty AC Surge Protective Device

PHOENIX CONTACT
0830814 The cable marker labels consist of a self-adhesive marking field and a transparent protective foil

Glenair, Inc.
660-047XO23 Protective Covers
809-191 Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191

Picker Components
SSR100 Protective Cover

Littelfuse
LSP10 The Littelfuse LSP10 thermally protected Surge Protective

PHOENIX CONTACT
EMG10-OE-230AC RC protective circuit
2320911 Power supply, with protective coating - QUINT-PS/1AC/24DC/10/CO
1419275 Protective covers - HC-STA-D07-HCLWS-PL-BK

Glenair, Inc.
189-047-C-D601-6 Plug Protective Cover for Single Channel 180-071 Fiber Optic Connector
667-202 Protective Receptacle Cover

PHOENIX CONTACT
EMG17-OV-5DC Power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: short-circuit-proof, 10 - 30 V DC/max. 2 A
1418445 Protective covers - HC-HPR-B16-BCLWH-E-BK

Glenair, Inc.
667-083-19C Protective Cover for Hypertronics NPBY Connectors

Bourns Electronic Solut...
1210 1210 Series Heavy Duty AC Surge Protective Device

PHOENIX CONTACT
1414626 Protective covers - HC-B16-BCSFS-P-BK
ST-OV3-110DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks