Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



PREFERRED Fiches techniques, Datasheet

Description trouvée : 'PREFERRED' - Totale: 20 (1/1) Pages
FabricantNo de pièceVoirDescription

Protek Devices
PMPS150-1812 Surface mount PTC devices are the preferred over-current protection method for computer

Molex Electronics Ltd.
0330012006 MX150 Female Terminal Sealed, Gold Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Right Reel Payoff
0330000004 MX150 Male Terminal, Tin Plating, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Right Reel Payoff
0330113004 MX150 Male Terminal, Silver Plating, Grip Code M3, Left Reel Payoff, Contact Material Thickness 0.30mm , Preferred Terminal for use in Sealed Application with 0.35-0.50mm

Amphenol Corporation
L77SDB25S Amphenol Preferred Parts Catalogue

Molex Electronics Ltd.
0330013006 MX150 Female Terminal Sealed, Gold Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Left Reel Payoff
0330001004 MX150 Male Terminal, Tin Plating, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Left Reel Payoff
0330014005 MX150 Female Terminal Sealed, Silver Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Right Reel Payoff

List of Unclassifed Man...
FI-S20P-HFE Preferred connector products
EL1602B_1602K Preferred type

Molex Electronics Ltd.
0330110008 MX150 Male Terminal, Gold Plating, Grip Code M3, Left Reel Payoff, Contact Material Thickness 0.30mm , Preferred Terminal for use in Sealed Application with 0.35-0.50mm
0330015005 MX150 Female Terminal Sealed, Silver Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Left Reel Payoff

International Rectifier
IRFP140PBF Preferred for commercail-industrial applications where higher power levels preclude the use of TO-220 devices.

List of Unclassifed Man...
V4NST7YRUL Preferred Range

Molex Electronics Ltd.
0330122004 MX150 Female Terminal Sealed, Tin Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Right Reel Payoff
0330111008 MX150 Male Terminal, Gold Plating, Grip Code M3, Right Reel Payoff, Contact Material Thickness 0.30mm , Preferred Terminal for use in Sealed Application with 0.35-0.50mm

Microsemi Corporation
RT100KP33A Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION

Lumileds Lighting Compa...
WP26 An overview of illuminance requirements and why shorter flash pulses are the preferred solution for front flash

Molex Electronics Ltd.
0330123004_18 MX150 Female Terminal Sealed, Tin Plating, Grip Code M3, Preferred Terminal for use in Sealed Application with 0.35-0.50mm², Left Reel Payoff, Contact Material Thickness 0.30mm
0330112004 MX150 Male Terminal, Silver Plating, Grip Code M3, Right Reel Payoff, Contact Material Thickness 0.30mm , Preferred Terminal for use in Sealed Application with 0.35-0.50mm