Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PRE-REGULATOR Fiches techniques, Datasheet

Description trouvée : 'PRE-REGULATOR' - Totale: 26 (1/2) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
AN4149 Designing a CCM PFC pre-regulator based on the L4984D

Powerbox
P048F048T24AL 120-240W DC/DC PRE-REGULATOR MODULE PRELIMINARY

Vicor Corporation
P048K048T24AL VI Chip - PRM-AL Pre-regulator Module

STMicroelectronics
AN3063 100 W transition-mode PFC pre-regulator with the L6563H

Allegro MicroSystems
A4406 The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.

STMicroelectronics
AN2485 400 W FOT-controlled PFC pre-regulator with the L6563
EVL6564H-100W 100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
AN3118 250 W transition-mode PFC pre-regulator with the new L6563H

Unisonic Technologies
UD24121G-AG6-R Pre-Regulator for Linear Regulators

STMicroelectronics
AN3065 100 W transition-mode PFC pre-regulator with the L6563S

Allegro MicroSystems
A4407 The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,

STMicroelectronics
EVAL6563-400W L6563 400 W FOT-controlled PFC pre-regulator

Allegro MicroSystems
A4405 The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.

STMicroelectronics
AN3119 250 W transition-mode PFC pre-regulator with the new L6563S
AN2994 400 W FOT-controlled PFC pre-regulator with the L6563S
AN3112 Solution for designing a fixed off-time controlled PFC pre-regulator

Vicor Corporation
P048F048T12AL VI Chip - PRM-AL Pre-Regulator Module

Allegro MicroSystems
A4409 Buck or buck-boost pre-regulator

STMicroelectronics
AN2755 400 W FOT-controlled PFC pre-regulator with the L6562A
EVL6562A-400W L6562A 400W FOT-controlled PFC pre-regulator evaluation board

  1 2