Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PORT Fiches techniques, Datasheet

Description trouvée : 'PORT' - Totale: 4558 (1/228) Page
FabricantNo de pièceVoirDescription

National Semiconductor ...
PC87383 Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications

Allied Components Inter...
AR1USB1-3713 Single Port RJ45 & Single Port USB Combo

Exar Corporation
XRS10L220 SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR

Tripp Lite. All Rights ...
U444-06N-HGU-C USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p

Advantech Co., Ltd.
PCM-3643 4/8 RS-232 COM Port Module RS-232/422/485 COM Port Module

Molex Electronics Ltd.
36638-0014 2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and 2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and

Texas Instruments
SCES643E 1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCAVCCB)

Exar Corporation
XRS10L240 SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR

Texas Instruments
DP83849IF_15 DP83849IF PHYTER DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver

Allied Components Inter...
AR1USB1-3712 Single Port RJ45 & Single Port USB Combo

Level One
KVM-0410 LevelOne 4 Port KVM Switch with OSD for PS/2LevelOne 4 Port KVM Switch with OSD for PS/2

Winbond
WPCN385L LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs

National Semiconductor ...
DP83849I_08 PHYTER® DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver

Allied Components Inter...
AR1USB2-3785I Single Port RJ45 & Dual Port USB Combo

National Semiconductor ...
DP83849I DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver

Tripp Lite. All Rights ...
U024-06N-HUB USB 2.0 Hi-Speed Port Liberator cable - A/A Extension cable with 500mA Charging port, 6-in.
U444-06N-H4GU-C USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-DGU-C USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port

Allied Components Inter...
AR1USB2-3700 Single Port RJ45 & Dual Port USB Combo

Bothhand USA, LP.
NA69R-LF Half port and single port designs for maximum layout flexibility.

  1 2 3 4 5 6 7 8 9 10