Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



POLYAMIDE Fiches techniques, Datasheet

Description trouvée : 'POLYAMIDE' - Totale: 1473 (1/74) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
46993-1010 Mini-Fit Jr. Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon Mini-Fit Jr.™ Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon
0444722455 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
0010844150 6.35mm (.250) Pitch MLX™ Power Connector Header, Vertical, 15 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
39-29-9249 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes

Weidmuller
0468060000 Connector markers, L x W: 6.5 x 5 mm, Polyamide 66, white

Molex Electronics Ltd.
0022052181 2.54mm (.100) Pitch KK® Wire-to-Board Header, Single Row, Right Angle, 18 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
50-34-8559 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock without Drain Holes, 6 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating
50-36-1876 Mini-Fit Jr.™ Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6,
0050361706 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, without Drain Holes, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Compatible
1726470103 Mini-Fit Jr. Header, Single Row, Vertical, 3 Circuits, PA Polyamide Nylon 6/6, 94V-0,
39-28-1243 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
0444720856 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, with Drain Holes
0015249044 4.20mm (.165") Pitch Mini-Fit BMI™ Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, with Tin (Sn) Plating
39-29-9089 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.76μm Gold (Au) Selective Plating, without Drain Holes

Weidmuller
0407360001 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white

Molex Electronics Ltd.
0022102091 2.54mm (.100) Pitch KK® Wire-to-Board Header, Single Row, Vertical, 9 Circuits, PA Polyamide Nylon, Gold (Au) Plating
39-30-6245 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 24 Circuits, PA Polyamide Nylon 6/6, UL 94V-2, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes

Weidmuller
0519060081 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white

Molex Electronics Ltd.
0039288220 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
46993-1211 Mini-Fit Jr. Plug Housing, Dual Row without Panel Mount Ears, PA Polyamide Nylon 6/6,UL 94V-2, Panel Mount, 12 Circuits, Glow Wire Compatible