Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



PLUGGED Fiches techniques, Datasheet

Description trouvée : 'PLUGGED' - Totale: 104 (1/6) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
ST-REL3-HG220 Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 1 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-OE3-60DC Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
ST-OV2-120AC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
ST-REL4-SG110 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SW42 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL2-KG220DC Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-HG110 Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 1 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-OE3-24DC Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 24 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
ST-OV2-60DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
ST-REL4-SG60 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SW24 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
UM45-16RM VARIOFACE COMPACT LINE, output module with 16 miniature relays, 1 N/O contact each, plugged, for 24 V DC (incl. relay)
ST-REL2-KG230AC Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-OE2-230AC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks
ST-OV2-12DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
ST-REL4-SG24 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG48 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG220 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
UM45-8RM VARIOFACE COMPACT LINE, output module with 8 miniature relays, 1 N/O contact each, plugged, for 24 V DC (incl. relay)
ST-OE2-220DC Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks

1 2 3 4 5 6 Next