Moteur de recherche de fiches techniques de composants électroniques |
|
|
PLUGGED Fiches technique, PDF |
Mot-clé recherché : 'PLUGGED' - Totale: 105 (5/6) Pages |
Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
ST-REL4-HG24 |
80Kb/4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 2 N/ O contacts, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks |
ST-OV3-220DC |
91Kb/5P |
Pluggable power optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: 24-280 V AC/max. 3 A, can be plugged on basic termination blocks | |
ST-REL4-HG110 |
80Kb/4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 2 N/ O contacts, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks | |
ST-OE2-230AC |
92Kb/4P |
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks | |
ST-REL4-SG24-2 |
91Kb/4P |
Relay connector, fitted with 2 miniature switching relays, contacts (AgNi): Medium to large loads, 2 x 1 N/O contact, 24 V DC input voltage, with light indicator, can be plugged into basic terminal blocks | |
ST-OV3-110DC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks | |
ST-OV3-230AC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks | |
ST-OV2-12DC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OE2-110DC |
97Kb/5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks | |
ST-OV3-5DC |
103Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OV2-220DC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OE2-120AC |
97Kb/5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks | |
ST-OV2-5DC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OE3-24DC |
106Kb/6P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 24 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks | |
ST-OV2-230AC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OV2-120AC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OV3-120AC |
103Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks | |
ST-OV3-12DC |
95Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 12 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks | |
ST-OE2-220DC |
95Kb/5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks | |
ST-OV2-60DC |
93Kb/5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks |
< 1 2 3 4 5 6 > |
< 1 2 3 4 5 > >> |