Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PLUG-IN Fiches techniques, Datasheet

Description trouvée : 'PLUG-IN' - Totale: 511 (1/26) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
ISOBLOK2-0 2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line

PHOENIX CONTACT
PR1-RSC3-LV-230AC Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
ST-OE3-60DC Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
UMK-16RM230AC VARIOFACE module, for 16 plug-in miniature relays or miniature optocouplers, with LED, 230 V AC input voltage
1414897 Easy and safe: 100% electrically tested plug-in components
1013464 Cross connection to any number of terminal blocks with the consistent FBS ... plug-in bridge system
CRIMPFOX-RC-2 Crimping pliers. with positioner, for turned plug-in connector contacts 0.14 mm² to 2.5 mm²
1424622 Easy and safe: 100% electrically tested plug-in components
1039020 Easy and safe: 100% electrically tested plug-in components
CF-500-COV-FBS CF 500 protective cover, for FBS... plug-in bridges
1424616 Easy and safe: 100% electrically tested plug-in components
1414782 Easy and safe: 100% electrically tested plug-in components
SAC-3P-MSS Easy and safe: 100% electrically tested plug-in components
1424614 Easy and safe: 100% electrically tested plug-in components
1414794 Easy and safe: 100% electrically tested plug-in components
1425075 Easy and safe: 100% electrically tested plug-in components
2200166 Plug-in assembly reduces assembly time and therefore saves costs
2914097 Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches

Picker Components
PC7150_17 150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC781 15 Amp Micro ISO 280 Automotive Plug-In Relay

  1 2 3 4 5 6 7 8 9 10