Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PLATING Fiches techniques, Datasheet

Description trouvée : 'PLATING' - Totale: 15089 (1/755) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
15-80-0425 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 42 Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0702466001 2.54mm Pitch C-Grid® Header, Low Profile, Dual Row, Vertical, Shrouded, 60Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-2045 2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 4 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-2055 2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 5 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705630108 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 4Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705430125 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 21Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0702472652 2.54mm Pitch C-Grid® Header, Dual Row, Low Profile, Right Angle, Shrouded26 Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705430021 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 22Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705630007 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 8Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705630011 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 12 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0474081201 0.50mm Pitch HDMI* Receptacle, Right Angle, Reverse, without Dimple, with Mylar, Gold (Au) Flash Plating, Matte Tin Plating on Shell,19 Circuits, Lead free
0705630014 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 15Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0702465002 2.54mm Pitch C-Grid® Header, Low Profile, Dual Row, Vertical, Shrouded, 50Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0385 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 38 Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-80-0229 2.54mm Pitch C-Grid® Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.38μm Gold, (Au) Selective Plating, Tin (Sn) PC Tail Plating, 3.81mm Inside Shroud to End Circuit Spacing
0705750045 2.54mm Pitch SL™ Header, Single Row, Right Angle, Pocket, Shrouded, with Press-fit Plastic Peg, 11 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705630012 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 13Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
0705630116 2.54mm Pitch SL™ Header, Single Row, Vertical, Pocket, Shrouded, 12Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-2185 2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 18 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
15-91-2025 2.54mm Pitch SL™ Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, 3.05mm Pocket, Shrouded, with Press-fit Plastic Peg, 2 Circuits, 0.38μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating

  1 2 3 4 5 6 7 8 9 10