Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PITCH Fiches techniques, Datasheet

Description trouvée : 'PITCH' - Totale: 173 (1/9) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
39100-0902 8.00mm (.315”) Pitch 10.00mm (.394”) Pitch 12.00mm (.472”) Pitch 15.00mm (.591”) Pitch Eurostyle® Two-Screw Terminal Strip
10-89-7700 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 70
10-89-7422 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 42
39500-0011 3.50mm Pitch Eurostyle Horizontal Plug, 11 Circuits
10-89-7143 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 14
10-89-7682 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 68
10-89-7301 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 30
10-89-7221 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 22
74642-1003 6.25mm (.246”) Pitch Ganged RF
10-89-7721 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 72
50212-8000 2.00mm Pitch Sherlock™
10-89-7420 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 42
10-89-7382 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 38
10-89-7601 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 60
74695-1003 2.00 by 2.25mm (.079 by Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
10-89-7562 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 56
10-89-7602 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 60
10-89-7741 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 74
10-89-7661 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 66
44812 2.54mm (.100”) Pitch KK® Low Profile PC Board Receptacle

  1 2 3 4 5 6 7 8 9