Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



PDT Fiches techniques, Datasheet

Description trouvée : 'PDT' - Totale: 130 (1/7) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
PHOENIX CONTACT
DEK-REL-G24 Datasheet pdf image Relay terminal block, with soldered-in miniature power relay, contacts (AgSnO): medium to large loads, 1 PDT, input voltage 24 V DC, for assembly on NS 35/7.5, terminal width 6.2 mm
ST-REL4-KG60 Datasheet pdf image Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
PLC-RPIT-24UC Datasheet pdf image PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 24 V AC/DC
Company Logo Img
List of Unclassifed Man...
X-D2A Datasheet pdf image RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
Company Logo Img
PHOENIX CONTACT
PLC-BPT-48DC Datasheet pdf image 6.2 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 48 V DC
ST-REL7-KG24 Datasheet pdf image Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 24 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
PLC-BSP-60DC Datasheet pdf image 6.2 mm PLC basic terminal block with spring-cage connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 60 V DC
2860413 Datasheet pdf image Inline digital output terminal block, without accessories, 4 relay PDT contacts, 5 - 253 V AC, 3 A
Company Logo Img
List of Unclassifed Man...
F600-D4N Datasheet pdf image RELAY - NONLATCH 6 PDT, 10 AMP
GP250 Datasheet pdf image RELAY - LATCH 2 PDT, 2 AMP
Company Logo Img
PHOENIX CONTACT
ST-REL7-HG60 Datasheet pdf image Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 4 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
REL-OR-2L-24AC Datasheet pdf image Pluggable octal relay with power contacts, 2 PDT, test button, mechanical switching position indication, coil voltage 24 V AC
101810 Datasheet pdf image Miniature Relays With PDT for Loads up to 6 A
EMG17-SG-B48 Datasheet pdf image Relay module, with soldered-in remanence miniature switching relay, with negative switching diode wiring, contacts (AgSnO): small to large loads, 1 PDT, 48 V DC input voltage
ST-REL3-SW42 Datasheet pdf image Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG24 Datasheet pdf image Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
EMG25-REL Datasheet pdf image Relay interfaces against interference on the control side, with soldered-in miniature switching relays, contacts (Au): small loads, 2 PDT, input voltage 230 V AC
PR1-BSC3 Datasheet pdf image Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 1/3 level design, screw connections, connection facility for input/interference suppression modules
PLC-RPIT-48DC Datasheet pdf image PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
Company Logo Img
List of Unclassifed Man...
KC-J2A Datasheet pdf image RELAY - NONLATCH 3 PDT, 25 AMP

1 2 3 4 5 6 7 Next